Part Number Hot Search : 
B099462 ISL43111 2S161 28168A B15N10 MPSA12D NTGS3136 DS1306
Product Description
Full Text Search
 

To Download AO4435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol v ds v gs i dm i ar e ar t j , t stg parameter symbol typ max t 10s 32 40 steady state 60 75 steady state r q jl 17 24 a mj c -55 to 150 -20 60 w 25 -80 a v -10.5 -8 3.1 2.0 maximum junction-to-lead c c/w thermal characteristics units maximum junction-to-ambient a c/w maximum junction-to-ambient a c/w r q ja -30 absolute maximum ratings t a =25c unless otherwise noted continuous drain current a units parameter t a =25c t a =70c v maximum i d gate-source voltage p d power dissipation a t a =25c drain-source voltage pulsed drain current b junction and storage temperature range t a =70c avalanche current b repetitive avalanche energy 0.3mh b AO4435 30v p-channel mosfet product summary v ds = -30v i d = -10.5a (v gs = -20v) r ds(on) < 14m (v gs = -20v) r ds(on) < 18m (v gs = -10v) r ds(on) < 36m (v gs = -5v) 100% uis tested 100% rg tested general description the AO4435 uses advanced trench technology to provide excellent r ds(on) , and ultra-low low gate charge with a 25v gate rating. this device is suitable for use as a load switch or in pwm applications. -rohs compliant -AO4435 is halogen free soic-8 top view bottom view d d d d s s s g g ds alpha & omega semiconductor, ltd. www.aosmd.com
AO4435 symbol min typ max units bv dss -30 v -1 t j = 55c -5 i gss 100 na v gs(th) -1.7 -2.3 -3 v i d(on) -80 a 11 14 t j =125c 15 19 15 18 27 36 g fs 22 s v sd -0.74 -1 v i s -3.5 a c iss 1130 1400 pf c oss 240 pf c rss 155 pf r g 1 5.8 8 w q g(10v) 18 24 nc q g(4.5v) 9.5 q gs 5.5 nc q gd 3.3 nc t d(on) 8.7 ns t r 8.5 ns t d(off) 18 ns t f 7 ns t rr 25 30 ns q rr 12 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. v gs =0v, v ds =-15v, f=1mhz input capacitance output capacitance turn-on rise time total gate charge turn-off delaytime v gs =-10v, v ds =-15v, r l =1.5 w , r gen =3 w turn-off fall time turn-on delaytime m w switching parameters gate source charge gate drain charge total gate charge v gs =-10v, v ds =-15v, i d =-10a dynamic parameters maximum body-diode continuous current gate resistance v gs =0v, v ds =0v, f=1mhz i s = -1a,v gs = 0v v ds = -5v, i d = -10a v gs = -5v, i d = -5a v gs = -10v, i d = -10a r ds(on) static drain-source on-resistance forward transconductance diode forward voltage i dss m a gate threshold voltage v ds = v gs i d = -250 m a v ds = -30v, v gs = 0v v ds = 0v, v gs = 25v zero gate voltage drain current gate-body leakage current electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions body diode reverse recovery time body diode reverse recovery charge i f =-10a, di/dt=100a/ m s drain-source breakdown voltage on state drain current i d = -250 m a, v gs = 0v v gs = -10v, v ds = -5v v gs = -20v, i d = -11a reverse transfer capacitance i f =-10a, di/dt=100a/ m s a: the value of r q ja is measured with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a = 25c. the value in any given application depends on the u ser's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by juncti on temperature. c. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. d. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the soa curve provides a single pulse rating. f. the current rating is based on the t 10s thermal resistance rating. g. e ar and i ar ratings are based on low frequency and duty cycles to keep t j =25c. rev7: nov. 2010 alpha & omega semiconductor, ltd. www.aosmd.com
AO4435 typical electrical and thermal characteristics 0 20 40 60 80 0 1 2 3 4 5 -v ds (volts) figure 1: on-region characteristics -i d (a) -6v -8v -10v -4.5v 0 20 40 60 80 0 1 2 3 4 5 6 -v gs (volts) figure 2: transfer characteristics -i d (a) 25c 125c v ds = -5v 5 10 15 20 25 30 35 40 0 5 10 15 20 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m w ww w ) v gs =-10v v gs =-5v v gs =-20v 1e-06 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 0.0 0.2 0.4 0.6 0.8 1.0 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.6 0.8 1.0 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance 5 15 25 35 45 55 2 4 6 8 10 12 14 16 18 20 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m w ww w ) i d =-11a 25c 125c v gs = -4v v gs =-10v i d =-10a v gs =-5v i d =-5a v gs =-20v i d =-11a alpha & omega semiconductor, ltd. www.aosmd.com
AO4435 typical electrical and thermal characteristics 0 2 4 6 8 10 0 5 10 15 20 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 500 1000 1500 2000 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 1 10 100 1000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction- to-ambient (note e) power (w) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance(note e) z q qq q ja normalized transient thermal resistance 0.01 0.1 1 10 100 1000 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 m s 10ms 1ms 100ms 10s dc r ds(on) limited t j(max) =150c t a =25c 10 m s v ds =-15v i d =-10a single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =75c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c alpha & omega semiconductor, ltd. www.aosmd.com
AO4435 vd c ig vds d u t vd c v gs vgs q g q gs qgd c harge g ate c harge test c ircuit & w aveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) alpha & omega semiconductor, ltd. www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AO4435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X